|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
OPEN FRAME & ENCLOSED PM80 6 0 - 8 0 W AT T S D C / D C S I N G L E - D U A L Features * * * * * * * Very wide input voltage range Reverse input voltage protection Din rail mounting High efficiency EMI/RFI EN55022-B Low ripple output Operating temperature -25 to +55OC Specifications INPUT Input voltage Reverse polarity protection 12V, 24V, 36V, 48V, 110V, 220V See table for details Yes MECHANICAL SPECIFICATIONS Dimensions Weight 157x106x48mm 0.65kg OUTPUT SPECIFICATIONS Output voltage Voltage adjustment Output current Ripple & noise Load regulation Line regulation Temperature coefficient Overcurrent protection Transient response See table 60V 10%; 24V 10%; 15V, 12-16V See table <2mV rms 0.2% 0.2% 0.02% per C Yes 3mS typical, 10%-90% load step Selection Table MODEL NUMBER PM80 24/24-24 PM80 24/36-36 PM80 24/24-24 PM80 24/36-36 PM80 48/24-24 PM80 48/36-36 PM80 48/24-24 PM80 48/36-36 PM80 110/24-24 PM80 110/36-36 INPUT 18-32V 18-32V 18-32V 18-32V 40-60V 40-60V 40-60V 40-60V 88-150V 88-150V 88-150V 88-150V 175-300V 175-300V 175-300V 175-300V 18-32V 18-32V 40-60V 40-60V 88-150V 88-150V 175-300V 175-300V OUTPUT1 24V 36V 48V 72V 24V 36V 48V 72V 24V 36V 48V 72V 24V 36V 48V 72V 24V 36V 24V 36V 24V 36V 24V 36V 2.50A 1.68A 1.25A 0.84A 3.34A 2.24A 1.67A 1.12A 3.34A 2.24A 1.67A 1.12A 3.34A 2.24A 1.67A 1.12A 1.25A 0.84A 1.67A 1.12A 1.67A 1.12A 1.67A 1.12A 24V 36V 24V 36V 24V 36V 24V 36V 1.25A 0.84A 1.67A 1.12A 1.67A 1.12A 1.67A 1.12A OUTPUT2 POWER 60W 60W 60W 60W 80W 80W 80W 80W 80W 80W 80W 80W 80W 80W 80W 80W 80W 80W 80W 80W 80W 80W 80W 80W OPERATING Efficiency Switching frequency Safety isolation 78%-85% 45kHz For 24V, 48V inputs and below: Input - Output: 2000VDC Input - Case: 2000VDC Output - Case: 1000VDC For 60V input and above: Input - Output: 2500VAC Input - Case:2500VDC Output - Case: 1000VDC PM80 110/24-24 PM80 110/36-36 PM80 220/24-24 PM80 220/36-36 PM80 220/24-24 PM80 220/36-36 PM80 24/24-24 PM80 24/36-36 PM80 48/24-24 PM80 48/36-36 ENVIRONMENTAL Operating temperature Storage temperature Can be used in non-condensing tropic -25C to 55C 100% Load -40C to 85C Yes PM80 110/24-24 PM80 110/36-36 PM80 220/24-24 PM80 220/36-36 STANDARDS AND APPROVALS Safety standards C-Tick EMC standards EMI standards IEC60950, EN/IEC61204-3 AS/NZS CISPR11 Group 1, Class A EN/IEC61000-4-4, 4KV EN/IEC61000-4-5 Level 2 and 3 EN55011/EN55022 Level B Models conists of 2 isolated outputs 24V and 36V for connection in series or parallel. Note: For dual output models, please consult Powerbox for model number and details. 130 |
Price & Availability of PM80110-24-24 |